Part Number Hot Search : 
BOE100 AT1452BP 31ACD 2375AD LH2108A MB13CA AS19H UP03396
Product Description
Full Text Search
 

To Download ASI10670 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UHBS30-1
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI UHBS30-1 is Designed for
PACKAGE STYLE .230 6L FLG
A .040x45 C B 2XO.130 4X .025 R .115 .430 D E .125 G H I L F
FEATURES:
* * * OmnigoldTM Metalization System
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ TSTG JC 9.0 A 50 V 30 V 4.0 V 100 W @ TC = 25 OC -65 OC to +200 OC -65 C to +150 C 1.5 OC/W
O O
DIM A B C D E F G H I J K L MINIMUM
inches / mm
JK
MAXIMUM
inches / mm
.355 / 9.02 .115 / 2.92 .075 / 1.91 .225 / 5.72 .090 / 2.29 .720 / 18.29 .970 / 24.64 .355 / 9.02 .004 / 0.10 .120 / 3.05 .160 / 4.06 .230 / 5.84
.365 / 9.27 .125 / 3.18 .085 / 2.16 .235 / 5.97 .110 / 2.79 .730 / 18.54 .980 / 24.89 .365 / 9.27 .006 / 0.15 .130 / 3.30 .180 / 4.57 .260 / 6.60
ORDER CODE: ASI10670
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVEBO ICBO ICES hFE Cob PG C IC = 50 mA IC = 50 mA IE = 10 mA VCE = 15 V VCE = 24 V
TC = 25 C
O
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
30 50 4.0 5 10
UNITS
V V V mA mA --pF dB
VCE = 5.0 V VCB = 25 V VCE = 24 V
IC = 1.0 A f = 1.0 MHz POUT = 30 W f = 900 GHz
10
--50
7.5 55
%
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10670

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X